Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS5000 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS5000 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS5000 Datasheet HTML 9Page - Maxim Integrated Products DS5000 Datasheet HTML 10Page - Maxim Integrated Products DS5000 Datasheet HTML 11Page - Maxim Integrated Products DS5000 Datasheet HTML 12Page - Maxim Integrated Products DS5000 Datasheet HTML 13Page - Maxim Integrated Products DS5000 Datasheet HTML 14Page - Maxim Integrated Products DS5000 Datasheet HTML 15Page - Maxim Integrated Products DS5000 Datasheet HTML 16Page - Maxim Integrated Products DS5000 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS5000(T)
13 of 19
AC CHARACTERISTICS (cont'd)
EXTERNAL CLOCK DRIVE
(tA=0°C to 70°C; VCC=5V ± 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
28 External Clock High Time
@ 12 MHz
@ 16 MHz
tCLKHPW
20
15
ns
ns
29 External Clock Low Time
@ 12 MHz
@ 16 MHz
tCLKLPW
20
15
ns
ns
30 External Clock Rise Time
@ 12 MHz
@ 16 MHz
tCLKR
20
15
ns
ns
31 External Clock Fall Time
@ 12 MHz
@ 16 MHz
tCLKF
20
15
ns
ns
AC CHARACTERISTICS (cont'd)
SERIAL PORT TIMING - MODE 0
(tA=0°C to 70°C; VCC=5V ± 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
35 Serial Port Cycle Time
tSPCLK
12tCLK
µs
36 Output Data Setup to Rising Clock Edge
tDOCH
10tCLK -133
ns
37 Output Data Hold after Rising Clock Edge
tCHDO
2tCLK -117
ns
38 Clock Rising Edge to Input Data Valid
tCHDV
10tCLK -133
ns
39 Input Data Hold after Rising Clock Edge
tCHDIV
0
ns
SERIAL PORT TIMING - MODE 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com