Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D10CSIG Datasheet(PDF) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D10CSIG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D10CSIG Datasheet(HTML) 3 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25D10CSIG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
3
10.5.
PACKAGE USON8 (1.5*1.5MM) ......................................................................................................................... 39
10.6.
PACKAGE USON8 (3*2MM, 0.45MM THICKNESS)............................................................................................... 40
11.
REVISION HISTORY ........................................................................................................................................ 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com