Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25D10CSIG Datasheet(PDF) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25D10CSIG
Description  3.3V Uniform Sector Standard and Dual Serial Flash
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25D10CSIG Datasheet(HTML) 5 Page - GigaDevice Semiconductor (Beijing) Inc.

  GD25D10CSIG Datasheet HTML 1Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25D10CSIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
3.3V Uniform Sector
Standard and Dual Serial Flash
GD25D10C/05C
5
2. GENERAL DESCRIPTION
The GD25D10C/05C (1M/512K-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and
supports the Dual Output: Serial Clock, Chip Select, Serial Data I/O0 (SI), O1 (SO). The Dual Output data is transferred
with speed of 160Mbits/s.
CONNECTION DIAGRAM
CS#
SO
(O1)
WP#
VSS
Top View
VCC
NC
SCLK
SI
(IO0)
8–LEAD
SOP/TSSOP/DIP
1
2
3
4
5
6
7
8
CS#
SO
(O1)
WP#
VSS
Top View
VCC
NC
SCLK
SI
(IO0)
8–LEAD USON
1
2
3
4
5
6
7
8
PIN DESCRIPTION
Pin Name
I/O
Description
CS#
I
Chip Select Input
SO (O1)
O
Data Output (Data Output 1)
WP#
I
Write Protect Input
VSS
Ground
SI (IO0)
I/O
Data Input (Data Input Output 0)
SCLK
I
Serial Clock Input
NC
No Connection
VCC
Power Supply
Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com