Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LB128DVIS Datasheet(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128DVIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128DVIS Datasheet(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128DVIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
59
8. ELECTRICAL CHARACTERISTICS
8.1. POWER-ON TIMING
Vcc(max)
Vcc(min)
VWI
tVSL
Chip Selection is not allowed
Device is fully
accessible
Time
Table6. Power-Up Timing And Write Inhibit Threshold
Symbol
Parameter
Min
Max
Unit
tVSL
VCC (min) To CS# Low
2.5
ms
VWI
Write Inhibit Voltage VCC (min)
1
1.5
V
8.2. INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1(each byte contains FFH).The Status Register
bits are set to 0, except QE bit (S9) is set to 1.
8.3. ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Ambient Operating Temperature
-40 to 85
-40 to 105
-40 to 125
℃
Storage Temperature
-65 to 150
℃
Applied Input/Output Voltage
-0.6 to VCC+0.4
V
Transient Input/Output Voltage (note: overshoot)
-2.0 to VCC+2.0
V
VCC
-0.6 to 2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com