Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LB128DVIS Datasheet(PDF) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LB128DVIS
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LB128DVIS Datasheet(HTML) 60 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LB128DVIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LB128DVIS Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 75 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LB128D
60
Figure41. Input Test Waveform and Measurement Level
8.4. CAPACITANCE MEASUREMENT CONDITIONS
Symbol
Parameter
Min
Typ.
Max
Unit
Conditions
CIN
Input Capacitance
6
pF
VIN=0V
COUT
Output Capacitance
8
pF
VOUT=0V
CL
Load Capacitance
30
pF
Input Rise And Fall time
5
ns
Input Pause Voltage
0.1VCC to 0.8VCC
V
Input Timing Reference Voltage
0.2VCC to 0.7VCC
V
Output Timing Reference Voltage
0.5VCC
V
Figure 42. Input/Output Timing Reference Level
0.8VCC
0.1VCC
0.7VCC
0.2VCC
0.5VCC
AC Measurement Level
Input timing reference level
Output timing reference level
Note: Input pulse rise and fall time are<5ns
Vss
20ns
Maximum Negative Overshoot Waveform
Maximum Positive Overshoot Waveform
20ns
20ns
Vss-2.0V
Vcc
20ns
20ns
20ns
Vcc + 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com