Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LD40CTIG Datasheet(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD40CTIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD40CTIG Datasheet(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD40CTIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
34
9.1. Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LD40CTIG
4Mbit
SOP8 150mil
GD25LD20CTIG
2Mbit
GD25LD40CSIG
4Mbit
SOP8 208mil
GD25LD20CSIG
2Mbit
GD25LD40COIG
4Mbit
TSSOP8 173mil
GD25LD20COIG
2Mbit
GD25LD40CPIG
4Mbit
DIP8 300mil
GD25LD20CPIG
2Mbit
GD25LD40CKIG
4Mbit
USON8 (1.5x1.5mm)
GD25LD20CKIG
2Mbit
GD25LD40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD20CEIG
2Mbit
GD25LD40CQIG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LD20CQIG
2Mbit
GD25LD40CWIG
4Mbit
WSON8 (6x5mm)
GD25LD20CWIG
2Mbit
Temperature Range J: Industrial (-40
℃ to +105℃)
Product Number
Density
Package Type
GD25LD40CTJG
4Mbit
SOP8 150mil
GD25LD20CTJG
2Mbit
GD25LD40CSJG
4Mbit
SOP8 208mil
GD25LD20CSJG
2Mbit
GD25LD40COJG
4Mbit
TSSOP8 173mil
GD25LD20COJG
2Mbit
GD25LD40CPJG
4Mbit
DIP8 300mil
GD25LD20CPJG
2Mbit
GD25LD40CKJG
4Mbit
USON8 (1.5x1.5mm)
GD25LD20CKJG
2Mbit
GD25LD40CEJG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LD20CEJG
2Mbit
GD25LD40CQJG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LD20CQJG
2Mbit
GD25LD40CWJG
4Mbit
WSON8 (6x5mm)
GD25LD20CWJG
2Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com