Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LD40CTIG Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LD40CTIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LD40CTIG Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LD40CTIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25LD40CTIG Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25LD40C/20C
10
5. DATA PROTECTION
The GD25LD40C/20C provides the following data protection methods:
◆
Write Enable (WREN) command: The WREN command is set the Write Enable Latch bit (WEL). The WEL bit will
reset to 0 in the following situations:
-Power-Up
-Write Disable (WRDI)
-Write Status Register (WRSR)
-Page Program (PP)
-Sector Erase (SE) / Block Erase (BE) / Chip Erase (CE)
◆
Software Protection Mode: The Block Protect (BP2, BP1, BP0) bits define the section of the protected memory area
which is read-only and unalterable.
◆
Hardware Protection Mode: WP# goes low to protect the BP0~BP2 bits and SRP bits.
◆
Deep Power-Down Mode: In Deep Power-Down Mode, all commands are ignored except the Release from Deep
Power-Down Mode command.
◆
Write Inhibit Voltage (VWI): Device would reset automatically when VCC is below a certain threshold VWI.
Table1(a) GD25LD40C Protected area size
Status Register Content
Memory Content
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
0
0
NONE
NONE
NONE
NONE
0
0
1
Sector 0 to 125
000000H-07DFFFH
504KB
Lower
126/128
0
1
0
Sector 0 to 123
000000H-07BFFFH
496KB
Lower 124/128
0
1
1
Sector 0 to 119
000000H-077FFFH
480KB
Lower 120/128
1
0
0
Sector 0 to 111
000000H-06FFFFH
448KB
Lower 112/128
1
0
1
Sector 0 to 95
000000H-05FFFFH
384KB
Lower 96/128
1
1
0
Sector 0 to 63
000000H-03FFFFH
256KB
Lower 64/128
1
1
1
All
000000H-07FFFFH
512KB
ALL
Table1(b) GD25LD20C Protected area size
Status Register Content
Memory Content
BP2
BP1
BP0
Blocks
Addresses
Density
Portion
0
0
0
NONE
NONE
NONE
NONE
0
0
1
Sector 0 to 61
000000H-03DFFFH
248KB
Lower 62/64
0
1
0
Sector 0 to 59
000000H-03BFFFH
240KB
Lower 60/64
0
1
1
Sector 0 to 55
000000H-037FFFH
224KB
Lower 56/64
1
0
0
Sector 0 to 47
000000H-02FFFFH
192KB
Lower 48/64
1
0
1
Sector 0 to 31
000000H-01FFFFH
128KB
Lower 32/64
1
1
X
All
000000H-03FFFFH
256KB
ALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com