Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40C Datasheet(PDF) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ40C Datasheet(HTML) 62 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ40C Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ40C/20C/10C/05C
62
9.1 Valid Part Numbers
Please contact GigaDevice regional sales for the latest product selection and available form factors.
Temperature Range I: Industrial (-40
℃ to +85℃)
Product Number
Density
Package Type
GD25LQ40CTIG
4Mbit
SOP8 150mil
GD25LQ20CTIG
2Mbit
GD25LQ10CTIG
1Mbit
GD25LQ05CTIG
512Kbit
GD25LQ40CSIG
4Mbit
SOP8 208mil
GD25LQ20CSIG
2Mbit
GD25LQ10CSIG
1Mbit
GD25LQ05CSIG
512Kbit
GD25LQ40CMIG
4Mbit
VSOP8 150mil
GD25LQ20CMIG
2Mbit
GD25LQ10CMIG
1Mbit
GD25LQ05CMIG
512Kbit
GD25LQ40CVIG
4Mbit
VSOP8 208mil
GD25LQ20CVIG
2Mbit
GD25LQ10CVIG
1Mbit
GD25LQ05CVIG
512Kbit
GD25LQ40COIG
4Mbit
TSSOP8 173mil
GD25LQ20COIG
2Mbit
GD25LQ10COIG
1Mbit
GD25LQ05COIG
512Kbit
GD25LQ40CEIG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ20CEIG
2Mbit
GD25LQ10CEIG
1Mbit
GD25LQ05CEIG
512Kbit
GD25LQ40CHIG
4Mbit
USON8 (3x3mm)
GD25LQ20CHIG
2Mbit
GD25LQ10CHIG
1Mbit
GD25LQ05CHIG
512Kbit
GD25LQ40CNIG
4Mbit
USON8 (3x4mm)
GD25LQ20CNIG
2Mbit
GD25LQ10CNIG
1Mbit
GD25LQ05CNIG
512Kbit
GD25LQ40CQIG
4Mbit
USON8 (4x4mm, 0.45mm thickness)
GD25LQ20CQIG
2Mbit
GD25LQ10CQIG
1Mbit
GD25LQ05CQIG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com