Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ40C Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ40C
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ40C Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ40C Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ40C Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ40C/20C/10C/05C
64
GD25LQ10CQJG
1Mbit
GD25LQ05CQJG
512Kbit
GD25LQ40CWJG
4Mbit
WSON8 (6x5mm)
GD25LQ20CWJG
2Mbit
GD25LQ10CWJG
1Mbit
GD25LQ05CWJG
512Kbit
Temperature Range E: Industrial (-40
℃ to +125℃)
Product Number
Density
Package Type
GD25LQ40CTEG
4Mbit
SOP8 150mil
GD25LQ20CTEG
2Mbit
GD25LQ10CTEG
1Mbit
GD25LQ05CTEG
512Kbit
GD25LQ40CSEG
4Mbit
SOP8 208mil
GD25LQ20CSEG
2Mbit
GD25LQ10CSEG
1Mbit
GD25LQ05CSEG
512Kbit
GD25LQ40CMEG
4Mbit
VSOP8 150mil
GD25LQ20CMEG
2Mbit
GD25LQ10CMEG
1Mbit
GD25LQ05CMEG
512Kbit
GD25LQ40CVEG
4Mbit
VSOP8 208mil
GD25LQ20CVEG
2Mbit
GD25LQ10CVEG
1Mbit
GD25LQ05CVEG
512Kbit
GD25LQ40COEG
4Mbit
TSSOP8 173mil
GD25LQ20COEG
2Mbit
GD25LQ10COEG
1Mbit
GD25LQ05COEG
512Kbit
GD25LQ40CEEG
4Mbit
USON8 (3x2mm, 0.45mm thickness)
GD25LQ20CEEG
2Mbit
GD25LQ10CEEG
1Mbit
GD25LQ05CEEG
512Kbit
GD25LQ40CHEG
4Mbit
USON8 (3x3mm)
GD25LQ20CHEG
2Mbit
GD25LQ10CHEG
1Mbit
GD25LQ05CHEG
512Kbit
GD25LQ40CNEG
4Mbit
USON8 (3x4mm)
GD25LQ20CNEG
2Mbit
GD25LQ10CNEG
1Mbit
GD25LQ05CNEG
512Kbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com