Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25LQ80CSFG Datasheet(PDF) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25LQ80CSFG
Description  1.8V Uniform Sector Dual and Quad Serial Flash
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25LQ80CSFG Datasheet(HTML) 67 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25LQ80CSFG Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD25LQ80CSFG Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
1.8V Uniform Sector
Dual and Quad Serial Flash
GD25LQ80C
67
11 REVISION HISTORY
Version No
Description
Page
Date
1.0
Initial Release
All
2017-10-12
1.1
Added Package: USON8 3*2mm, thickness 0.55mm
P59
2017-10-24
1.2
Modify the description of WSON8 and USON8 packages
Modify tBP1 from 15-30us to 25-50us
P55-59
P47
2017-12-1
1.3
Delete E7H command
Modify tVSL min value from 5ms to 1.8ms
Modify Icc2 max value from 5uA to 8uA
Add tRS, of which the min value is 100us
Update the description of SOP8 and VSOP8 packages
---
P42
P44
P45
P50-53
2018-6-5
1.4
Add DC parameters @-40℃~105℃ & @-40℃~125℃
Add AC parameters @-40℃~105℃ & @-40℃~125℃
Add valid part number of products @-40℃~105℃ & @-40℃~125℃
P45-46
P49-52
P55
2018-6-27
1.5
Add 4BH command
P37
2018-7-17
1.6
Modify Icc1 max value @-40℃~85℃ from 25uA to 28uA
Modify Icc1 max value @-40℃~125℃ from 50uA to 60uA
Modify Icc2 max value @-40℃~125℃ from 15uA to 20uA
Modify tBE1 max value @-40℃~105℃ from 1s to 1.2s
Modify tBE2 max value @-40℃~105℃ from 1.2s to 2s
Modify tCE max value @-40℃~105℃ from 7s to 8s
Modify tPP max value @-40℃~125℃ from 3ms to 4ms
Modify tBE1 max value @-40℃~125℃ from 1s to 1.8s
Modify tBE2 max value @-40℃~125℃ from 1.2s to 3.2s
Modify tCE max value @-40℃~125℃ from 7s to 12s
Remove tSE max values for 50K cycling
P45
P47
P47
P51
P51
P51
P52
P53
P53
P53
P49, 50, 52
2018-10-12
1.7
Add tCLQV@15pF, of which the max value is 6ns
2019-3-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com