Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2321 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
- 10 -
Figure 12: I2 C bus master basic format for receiving data from a machine
8.2 AM2321 sensor I C communication protocol
AM2321 serial interface for the I C bus, in full accordance with I C standard protocols
addressing, can be directly linked to the I C bus. AM2321 sensor I C address of the c(SLAVE
ADDRESS) 0xB8, on the basis of I C standard protocol on the bus, based on Mod Bus protocol,
developed a unique communication protocol, reducing the transmission error rate. When micro
controller read AM2321 sensors strict accordance with AM2321 sensor I
2 C -Mod Bus
communication protocol design and timing.
8.2.1 I C Interface Description
AM2321 digital temperature and humidity sensor as a communication from the machine, and
the host (user microprocessor) between uses the standard I
C bus mode. For the accurate
measurement of humidity, temperature and humidity to reduce the impact of, AM2321 sensors
during non-working, automatically become dormant, in order to reduce public consumption, to
reduce the impact sensor self-heating of the ambient humidity values. AM2321 uses passive mode,
which hosts the wake sensor by instruction, and then send the appropriate commands to read the
appropriate temperature and humidity values; After the communication, the sensor triggers a
temperature and humidity acquisition; Therefore, if there is no time to read the sensor, please read
two consecutive second sensor (minimum interval of two reads 2s), is the latest in a second
measurement; after the acquisition sensor automatically become dormant. The next time you need to
read the host sensor, sensors need to reawaken. It should be noted that the host communication from
start to finish, for a maximum of 3s. If communication is not completed within 3s, sensors
automatically end communication, automatically become dormant again as the host read sensors,
needed to re-send a wakeup command.
8.2.2 interface Features
This section describes the I C interface characteristics AM2321 sensor, if you want to get the
best communication with the sensor results, designed in strict compliance with the conditions of
Figure 13 and Table 6 design.
2
2
2
2
2
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com