Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2321 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AM2321 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
- 4 -
7. Interface Definition
7.1 AM2321 pin assignment
Table 4: AM2321 pin assignment
Pin
Name
Description
1
VDD
Power supply(2.6 -5.5V)
2
SDA
Serial data, bidirectional port
v3
GND
Ground
4
SCL
Serial clock input port (single bus ground)
Figure 4: AM2321 wiring diagram
7.2 Power supply pin (VDD GND)
AM2321 supply voltage range of 2.6V - 5.5V.
7.3 Serial clock input (SCL)
The SCL pin is used to communicate the choice and I C sensor communication clock line.
When the power is held low while SCL remains low even 500ms, which means that the user selects a
single bus mode of communication, otherwise I C communications; After selecting the formula
mode during power, sensor communication mode remains unchanged; If you want to change
communication, re-power on, press the select operation requires communication.
When choosing the I C communication between microprocessor and AM2321,SCL for the
synchronous communication.
7.4 Serial data(SDA)
SDA pin is three-state structure for reading, writing sensor data. Detailed Description of specific
communication sequence, see communication method..
8. I C and a single bus
AM2321 serial interface, and power consumption reading sensor signal aspects are optimized
processing. Sensor uses a single bus, I C outputs two communication modes, communication can be
switched freely, easy to use. SCL bus signal line to level when power to determine their bus
communication: SCL is held low on power as a single bus communication mode; SCL remain high
when compared to the power of communication modes I C. Single bus is fully compatible with the
company's other products, single-bus communication; I C communication in accordance with
2
2
2
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com