Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF1276DM Datasheet(PDF) 8 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276DM Datasheet(HTML) 8 Page - Dorji Industrial Group Co.,Ltd

Back Button DRF1276DM Datasheet HTML 4Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DRF1276DM
Revision 2.72
May. 2017
8/13
configuration tool.
Figure 7: Configuration Tool Interface
Parameter
Description
UART area
The values are fixed at 9.6k bps & no parity check.
RF frequency
It indicates the center frequency of RF carrier
RF mode
Standard mode, central mode and node mode
RF_Factor
Lora spreading factor. Larger value means higher sensitivity but longer air
transmission time. It only can be changed by users in standard mode
RF_BW
Lora bandwidth. Larger value means lower sensitivity. Recommended value:
125K. It only can be changed by users in standard mode.
Node ID
It is only used for node modules: 0~65535
Net ID
Only the modules with the same network ID (0~255) can communicate with
each other. It can avoid interferences from irrelative modules
Power
It is used to set the output power of DRF1278D. There are 7 power levels. The 7
means the max. output power---20dBm and 0 means the lowest output power.
Breath
The wake-up period for node module. Only available for firmware 2.0 or above
Wake timer
The time for detecting wireless signal during breath period, only available for
firmware 2.7 or above
Serial baudrate
It defines the data rate between DRF1276DM and the host
Serial parity
It defines the parity check between DRF1276DM and the host
Table 5: DRF1276DM Parameter Table
Please note that the preconditions for two or more modules to communicate are that the
frequency, RF factor, RF_BW and Net ID must be the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com