Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRF1276DM Datasheet(PDF) 12 Page - Dorji Industrial Group Co.,Ltd

Part # DRF1276DM
Description  LORA Long Range SX1278 Data Radio Modem
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORJI [Dorji Industrial Group Co.,Ltd]
Direct Link  http://www.dorji.com/
Logo DORJI - Dorji Industrial Group Co.,Ltd

DRF1276DM Datasheet(HTML) 12 Page - Dorji Industrial Group Co.,Ltd

Back Button DRF1276DM Datasheet HTML 5Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 6Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 7Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 8Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 9Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 10Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 11Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 12Page - Dorji Industrial Group Co.,Ltd DRF1276DM Datasheet HTML 13Page - Dorji Industrial Group Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DRF1276DM
Revision 2.72
May. 2017
12/13
0xAF, 0xAF, 0x00, 0x00, 0xAF, 0x00, 0x02, 0x0C, 0x04, 0x00, 0x6C, 0x80, 0x12, 0x0B, 0x00, 0x07, 0x00, 0x00,
0x00, 0x07, 0x36, 0x0D, 0x0A
Sync word
ID code
Header
Command
Length
Data
CRC
End code
0xAF
0xAF
0x00
0x00
0XAF
0x00
0x0
2
0x0c
XXXX 0x36 0X0D 0X0A
Table 11: Response of Read Command
Baudrate Parity
Frequency
RF_Factor
Mode
RF_BW
ID
NetID
Power
0x04
0x00
0x6c,0x80,0x12
0x0B
0x00
0x07
0x00,0x00
0x00
0x07
9.6k bps
No
434MHz
2048
Standar
d
125k
0
0
20dBm
Table 12: The Data Section in Response of Read Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com