Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9204-DS-R04 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
TC9204M
Preliminary Data Sheet
disabled using shared configuration pin DisBPBk or EEPROM. In this case the switch will start
transmitting with minimum IFG after carrier sense is deasserted and followed after collision.
For carrier-based backpressure the switch will use the deferral mechanism rather than the collision
backoff mechanism. The transmit MAC will jam the line by sending continuous preamble. The link
partner will see the channel busy and thus it will defer transmission without imposing any additional
backoff delay. The jamming procedure will have short break to avoid jabber condition and the break will
also be short enough to prevent the other stations from starting transmission. Preamble can be sent this
way as long as necessary. If valid packets became available for transmission during this period then
jamming will be interrupted and the packets will be transmitted with standard IFG (Inter-Frame Gap). In
this case backpressure is executed the same way as collision based mechanism. Carrier based
backpressure can be selected using shared configuration pin CrBP or EEPROM.
Backpressure operation can be disabled globally using the shared configuration pin DisBkPr or per port
basis using the EEPROM. By default forward pressure is also enabled whenever backpressure is
enabled. Forward pressure is executed only in extreme congestion conditions that normally do not occur
often. This flow control procedure is highly efficient in minimizing the packet loss. If desired, the forward
pressure can be disabled by the EEPROM setting.
If a HUB is connected to many workstations, one of the ports may be partitioned in heavy traffic when the
switch executes backpressure. TC9204M can prevent this by discontinuing the backpressure process after
a predefined number of consecutive collisions have reached. This function can be enabled using the
shared configuration pin FullBP or adjusting EEPROM setting. Unlike other settings, to enable this feature
the pin/bit should be set to '0'. The respective number of collisions defaults to 28 and can be specified using
the EEPROM. In addition, when this feature is enabled the MAC will either grant receiving the next packet
without colliding it, after which, it will resume the backpressure, or will completely quit backpressure waiting
for a new XOFF command from internal flow control management device.
Confidential.
20/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com