Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9204-DS-R04 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 24Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
TC9204M
Preliminary Data Sheet
9
Physical Layer Configuration / Polling
TC9204M embeds a Physical Layer MII Management configuration / polling entity which provides speed,
duplex, link status and link partner full duplex flow control ability information to the switch. This
information is obtained by continuously polling the status of Physical Layer devices through the serial
management interface. The entity is under control of EEPROM settings and it can operate in four
different modes. The polling entity also performs Phy configuration procedure at two seconds after reset
and each time EEPROM control information changes.
The following operating modes are available per port basis (selectable by ANMode field from EEPROM's
ConfigRegP[x]):
00 – Normal Mode (assumed by default when EEPROM is not present):
In
this
mode
the
Auto-Negotiation Enable bit from MII Control Register (0.12) is checked first. If it is found enabled
then TC9204M will disable advertisement for 1000BASE-T half duplex technology (9.8) and will
advertise the full duplex flow control ability (4.10:11) according with internal flow control enable
settings. Auto-negotiation is restarted leaving unchanged the rest of technology advertisements.
Then Auto-Negotiation Advertisement register (4), Link Partner Base Page Ability register (5) and
GMII registers (9:10) are polled continuously at 2 seconds interval in order to execute highest
common denominator resolution. If auto-negotiation is disabled as reported by 0.12 then the
switch will configure itself using bits 0.13 and 0.8 of Control register, and will consider link partner
full duplex flow control capable. Gigabit speed will be disabled.
01 – Advertise one mode: Auto-Negotiation Enable is checked and if found to be disabled
TC9204M will attempt to enable it. If successful the switch will force the port’s speed and duplex
mode by advertising only the technology corresponding to the Speed and Duplex fields from
EEPROM's ConfigRegP[x], otherwise bits 0.8 and 0.13 will be read for configuration and gigabit
speed will be disabled. Full duplex flow control ability is also advertised along with selected
technology and then auto-negotiation is restarted. An auto-negotiation register polling is executed
as in Normal Mode.
10 – Advertise multiple modes: This mode is similar with previous one except that it advertises
the technology corresponding to the forced mode and all lower position technologies, down to
10BASE-T half duplex.
11 – Disable Auto-Negotiation:
When this mode is selected then auto-negotiation is disabled
by setting bit 0.12 to ‘0’ and the forced speed and duplex mode will be written to Configuration
Register, bits 0.13, 0.6 and 0.8. This mode is available only for 10/100 Mbps speed modes so bit
0.6 will always be written as ‘0’. Link partner will be considered full duplex flow control capable.
In addition to the force mode feature, the TC9204M internal speed and duplex can be chosen between
enforced ones (Speed and Duplex fields from EEPROM's ConfigRegP[x]) and polling results by means
of ForceIntMode configuration.
Independently of Phy configuration/polling operation mode the Link Status is also permanently monitored.
If a Physical device reports link failure via 1.2 status bit then TC9204M disables transmission on
associated port without holding any memory resources allocated for its transmission queues. The
reported Link Status can be forced to ‘1’ using ForceLink bit from the same ConfigRegP[x] register.
Confidential.
22/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com