Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9205M-DS-R03 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 28Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
TC9205M
Preliminary Data Sheet
Speed
Used by the physical layer management polling entity to configure physical layer’s
speed mode when EEPROM forced modes are selected. Additionally this bit can be
used to directly force the internal speed mode.
00 – 10M
01 – 100M
10 – 1000M
These bits should be programmed to 10M mode or 100M mode for port 5.
Duplex
Used by the physical layer management polling entity to configure physical layer’s
duplex mode when EEPROM forced modes are selected. Additionally this bit can
be used to directly force the internal duplex mode.
ForceLnk
Setting this bit to '1' will force the internal polled link status of the corresponding port
to “ON”. Default is ‘0’.
TxDisable
Setting this bit to '1' will disable the transmission MAC device, thus inhibiting
transmission on the corresponding port. Default is ‘0’.
RxDisable
Setting this bit to '1' will disable the receiving MAC device, thus inhibiting receiving
on the corresponding port. Default is ‘0’.
DisFdxFCTx
Setting this bit to '1' will disable flow control operation for full duplex mode on
transmit side (transmission of pause frames). Default is ‘0’.
DisFdxFCRx
Setting this bit to '1' will disable flow control operation for full duplex mode on
receive side (pausing frame transmission). Default is ‘0’.
DisBackPres
Setting this bit to '1' will disable flow control for half duplex mode (backpressure).
Default value is its corresponding DisBkPr pin value.
PortPriorityEn
Setting this bit to '1' will force the corresponding port to the priority set within the
PortPriority field, otherwise the pin configuration will be used.
PortPriority
This bit will set one of the four priority classes on the corresponding port.
Confidential.
30/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com