Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9205M-DS-R03 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # TC9205M-DS-R03
Description  5-Port 10/100/1000 Smart Ethernet Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9205M-DS-R03 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button TC9205M-DS-R03 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 46Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 47Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 48Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 49Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 50Page - List of Unclassifed Manufacturers TC9205M-DS-R03 Datasheet HTML 51Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
TC9205M
Preliminary Data Sheet
12 Electrical Specifications
12.1
ABSOLUTE MAXIMUM RATINGS
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the Recommended Operating Conditions section.
Exposure to the Absolute Maximum Conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
I/O
VDDI/O
– 0.5
4.6
V
Supply Voltage
Core
VDDCore
– 0.5
2.5
V
Input Voltage
VI
– 0.5
6
V
Output Voltage
VO
– 0.5
6
V
Storage Temperature
TSTG
-65
+150
°C
Operation Temperature
TOPT
0
70
°C
Latch-up Current
ILATCH
>500
mA
Note: The maximum ratings are the limit value that must never be exceeded even for short time.
12.2
RECOMMENDED OPERATING CONDITIONS
The recommended operating conditions represents recommended values that assure normal logic
operation. As long as the device is used within the recommended operating conditions, the electrical
characteristics (DC and AC characteristics) are guaranteed.
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
I/O
VDDI/O
3.0
3.3
3.6
V
Supply Voltage
Core
VDDCore
1.95
2.0
2.05
V
Junction Temperature
Tj
125
°C
Low-level input voltage
VIL
-0.5
1.0
V
High-level input voltage
VIH
2.0
5.5
V
12.3
DC CHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output low voltage
VOL
0.4
V
Output high voltage
VOH
2.4
V
Low level output current @VOL=0.4V
IOL
8.8
14.1
17.0
mA
High level output current @VOH=2.4V
IOH
12.8
25.7
40.0
mA
Input Treshold point
VT
1.46
1.60
1.76
V
GMII Input (Schmitt trig.) Low to High
treshold point
*1
VT+
1.66
1.75
1.79
V
GMII Input (Schmitt trig.) High to Low
treshold point
*1
VT-
0.93
1.01
1.06
V
Input leakage current (High and Low)
II
+/-10
+/-1000
nA
Tri-state output leakage current (High
and Low)
IOZ
+/-10
+/-1000
nA
Pull-up resistor
RPU
56
77
122
K
Pull-down resistor
RPD
51
69
127
K
Note: *1
This refers to all inputs described as GMII in the Pin Listing section.
Confidential.
50/51
July 30, 2003
Copyright © 2003, IC Plus Corp.
TC9205M-DS-R03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com