Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D17133CS Datasheet(PDF) 67 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 67 Page - NEC

Back Button D17133CS Datasheet HTML 63Page - NEC D17133CS Datasheet HTML 64Page - NEC D17133CS Datasheet HTML 65Page - NEC D17133CS Datasheet HTML 66Page - NEC D17133CS Datasheet HTML 67Page - NEC D17133CS Datasheet HTML 68Page - NEC D17133CS Datasheet HTML 69Page - NEC D17133CS Datasheet HTML 70Page - NEC D17133CS Datasheet HTML 71Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
52
7.5.4 MPE=1 and IXE=0 (Diagonal Indirect Data Transfer)
As shown in Figure 7-8, the indirect data transfer bank and row address specified by @r become the data memory
row address pointer value only when general register indirect data transfer instructions (MOV @r, m and MOV m,
@r) are used.
Example 1. When the general register is in row address 0
R005
MEM
0.05H
M034
MEM
0.34H
MOV
MPL, #0110B
; MP
← 6
MOV
R005, #8
; R005
← 8
MOV
MPH, #1000B
; MPE
← 1
MOV
@R005, M034
; Indirect transfer of data in the register
As shown in Figure 7-10, when the above instructions are executed, the contents of data
memory address M034 is transferred to data memory location 68H.
When the MOV @r, m instruction is executed when MPE=1, the contents of the data memory
address specified by m is transferred to the column address pointed to by the row address
@r being pointed to by the memory pointer.
In this case, the indirect address specified by @r becomes the value used for the bank and
row address data memory pointer (above example uses row address 6). The column address
is the value in the general register address specified by r (above example uses column address
8).
Therefore the address in the above example is 68H.
This example is different from Example 2 in 7.5.3 when MPE=0 for the following reasons:
In this example, the data memory row address pointer is used to point to the indirect address
bank and row address specified by @r. (In Example 2 in 7.5.3 the indirect address bank and
row address are the same as m.)
By setting MPE=1, diagonal indirect data transfer can be performed using the general
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com