Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D128ASIPT Datasheet(PDF) 40 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D128ASIPT Datasheet(HTML) 40 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D128ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 39Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 41Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 42Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 43Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 44Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
40
Figure 7.2 Write Enable Instruction(SPI or QPI Mode)
7.1.3 Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described in section 6.2 can also be written to as volatile bits. This
gives more flexibility to change the system configuration and memory protection schemes quickly without
waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register
non-volatile bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile Status
Register (50h) instruction must be issued prior to a Write Status Register (01h) instruction. Write Enable for
Volatile Status Register instruction (Figure 7.3) will not set the Write Enable Latch (WEL)bit, it is only valid for
the Write Status Register instruction to change the volatile Status Register bit values.
Figure 7.3 Write Enable for Volatile Status Register Instruction(SPI or QPI Mode)
7.1.4 Write Disable (04h)
The Write Disable instruction (Figure 7.4) resets the Write Enable Latch (WEL) bit in the Status Register
to a 0. The Write Disable instruction is entered by driving CS# low, shifting the instruction code “04h” into the
DI pin and then driving CS# high. Note that the WEL bit is automatically reset after Power-up and upon
completion of the Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase
instructions.
Figure 7.4 Write Disable Instruction(SPI or QPI Mode)
7.1.5 Write Status Register (01h/31h/11h)
The Write Status Registers command allows the Status Registers to be written. Only non-volatile Status
Register bits SRP0, SEC, TB, BP2, BP1, BP0 (SR1[7:2]) CMP, LB3, LB2, LB1, QE, SRP1 (SR2[6:0]), and
HRSW, DRV1, DRV0, HFQ, WPS, LC[1:0] (SR3[7:4,2:0])can be written. All other Status Register bit locations
are read-only and will not be affected by the Write Status Registers command. LB[3:0] are non-volatile OTP
bits; once each is set to 1, it cannot be cleared to 0. The Status Register bits are shown in Section 6.2, Status
Registers. Any reserved bits should only be written to their default value.
To write non-volatile Status Register bits, a standard Write Enable (06h) command must previously have
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com