Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D128ASIPT Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D128ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D128ASIPT Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D128ASIPT Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D128ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
13
registers may be used by system manufacturers to store and permanently protect security or other important
information separate from the main memory array.
5.2.1 Security Register 0
Serial Flash Discoverable Parameters (SFDP — JEDEC JESD216B):
This document defines the Serial Flash Discoverable Parameters (SFDP) revision B data structure for
HM25Q128A
family.
The Read SFDP (RSFDP) command (5Ah) reads information from a separate flash memory address
space for device identification, feature, and configuration information, in accord with the JEDEC JESD216B
standard for Serial Flash Discoverable Parameters.
The SFDP data structure consists of a header table that identifies the revision of the JESD216 header
format that is supported and provides a revision number and pointer for each of the SFDP parameter tables
that are provided. The parameter tables follow the SFDP header. However, the parameter tables may be
placed in any physical location and order within the SFDP address space. The tables are not necessarily
adjacent nor in the same order as their header table entries.
The SFDP header points to the following parameter tables:
Basic Flash
– This is the original SFDP table.
The physical order of the tables in the SFDP address space is: SFDP Header, and Basic Flash. The
SFDP address space is programmed byFSRKand read-only for the host system.
5.2.2 Serial Flash Discoverable Parameters (SFDP) Address Map
The SFDP address space has a header starting at address zero that identifies the SFDP data structure
and provides a pointer to each parameter. One Basic Flash parameter is mandated by the JEDEC JESD216B
standard.
Table 5.2 SFDP Overview Map — Security Register 0
Byte Address
Description
0000h
Location zero within JEDEC JESD216B SFDP space – start of SFDP header
0010h
Undefined space reserved for future SFDP header
0030h
Start of SFDP parameter
...
Remainder of SFDP JEDEC parameter followed by undefined space
006Fh
End of SFDP space
0070h to 00FFh
Reserved space
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com