Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D80ASIPT Datasheet(PDF) 19 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D80ASIPT Datasheet(HTML) 19 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D80ASIPT Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
19
Table 5.4 Basic SPI Flash Parameter, JEDEC SFDP Rev B (Sheet 5 of 5)
SFDP
Parameter
Relative Byte
Address
SFDP
Dword
Name
Data
Description
6Ch
JEDEC
Basic
Flash
Parameter
Dword-16
E8h
Bits 31:24 = Enter 4-Byte Addressing
= xxxx_xxx1b:issue instruction B7 (preceding write enable not required
+ xx1x_xxxxb: Supports dedicated 4-byte address instruction set. Consult vendor
data sheet
for the instruction set definition or look for 4-byte Address Parameter Table.
+ 1xxx_xxxxb: Reserved
= 10000000b not supported
Bits 23:14 = Exit 4-byte Addressing
= xx_xxxx_xxx1b:issue instruction E9h to exit 4-byte address mode (Write enable
instruction
06h is not required)
+ xx_xx1x_xxxxb: Hardware reset
+ xx_x1xx_xxxxb: Software reset (see bits 13:8 in this DWORD)
+ xx_1xxx_xxxxb: Power cycle
+ x1_xxxx_xxxxb: Reserved
+ 1x_xxxx_xxxxb: Reserved
= 11_0000_0000b not supported
Bits 13:8 = Soft Reset and Rescue Sequence Support
= x1_xxxxb: issue reset enable instruction 66h, then issue reset instruction 99h.
The reset enable, reset sequence may be issued on 1,2, or 4 wires depending on
the device operating mode
+ 1x_xxxxb: exit 0-4-4 mode is required prior to other reset sequences above if the
device may be operating in this mode.
= 11_0000b
Bit 7 = RFU = 1
Bits 6:0 = Volatile or Non-Volatile Register and Write Enable Instruction for Status
Register 1
= xxx_1xxxb: Non-Volatile/Volatile status register 1 powers-up to last written value
in the nonvolatile status register, use instruction 06h to enable write to non-volatile
status register. Volatile status register may be activated after power-up to override
the non-volatile status register, use instruction 50h to enable write and activate the
volatile status register.
+ x1x_xxxxb: Reserved
+ 1xx_xxxxb: Reserved
= 1101000b
Binary Fields: 10000000-1100000000-110000-1-1101000
Nibble Format: 1000_0000_1100_0000_0011_0000_1110_1000
Hex Format: 80_C0_30_E8
6Dh
30h
6Eh
C0h
6Fh
80h
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com