Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25D80ASIPT Datasheet(PDF) 20 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25D80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25D80ASIPT Datasheet(HTML) 20 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25D80ASIPT Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 21Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 22Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 23Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25D80ASIPT Datasheet HTML 24Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
20
6. FUNCTION DESCRIPTION
6.1 SPI Operations
6.1.1 SPI Modes
The
HM25Q128A
can be driven by an embedded microcontroller (bus master) in either of the two
following clocking modes.
Mode 0 with Clock Polarity (CPOL) = 0 and, Clock Phase (CPHA) = 0
Mode 3 with CPOL = 1 and, CPHA = 1
For these two modes, input data is always latched in on the rising edge of the CLK signal and the output
data is always available on the falling edge of the CLK clock signal.
The difference between the two modes is the clock polarity when the bus master is in standby mode and
not transferring any data.
CLK will stay at logic low state with CPOL = 0, CPHA = 0
CLK will stay at logic high state with CPOL = 1, CPHA = 1
Figure 6.1 SPI Modes
Timing diagrams throughout the rest of the document are generally shown as both mode 0 and 3 by
showing CLK as both high and low at the fall of CS#. In some cases a timing diagram may show only mode 0
with CLK low at the fall of CS#. In such case, mode 3 timing simply means clock is high at the fall of CS# so
no CLK rising edge set up or hold time to the falling edge of CS# is needed for mode 3.
CLK cycles are measured (counted) from one falling edge of CLK to the next falling edge of CLK. In
mode 0 the beginning of the first CLK cycle in a command is measured from the falling edge of CS# to the first
falling edge of CLK because CLK is already low at the beginning of a command.
6.1.2 Dual SPI Modes
The
HM25Q128A supports Dual SPI Operation when using the Fast Read Dual Output (3Bh) and Fast
Dual I/O (BBh) instruction. These features allow data to be transferred from the device at twice the rate
possible with the standard SPI. These instructions are ideal for quickly downloading code to RAM upon
Power-up (code-shadowing) or for executing non-speed-critical code directly from the SPI bus (XIP). When
using Dual SPI commands, the DI and DO pins become bidirectional I/O pins: IO0 and IO1.
6.1.3 Quad SPI Modes
The
HM25Q128A
supports Quad SPI operation when using the Fast Read Quad Output (6Bh), Fast Read
Quad I/O (EBh) instruction, Word Read Quad I/O(E7h), and Octal Word Read Quad I/O(E3h). These
instructions allow data to be transferred to or from the device four times the rate of ordinary Serial Flash. The
Quad Read instructions offer a significant improvement in continuous and random access transfer rates
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com