Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25LQ80ASIPT Datasheet(PDF) 68 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25LQ80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25LQ80ASIPT Datasheet(HTML) 68 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25LQ80ASIPT Datasheet HTML 64Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 65Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 66Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 67Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 68Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 69Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 70Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 71Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 72Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
68
8.3. DC Characteristics
Table 8.4 DC Characteristics
SYMBOL
PARAMETER
CONDITIONS
SPEC
UNIT
MIN
TYP
MAX
CIN(1)
Input Capacitance
VIN = 0V(2)
6
pF
COUT(1)
Output Capacitance
VOUT = 0V(2)
8
pF
ILI
Input Leakage
±2
uA
ILO
I/O Leakage
±2
uA
ICC1
Standby Current
CS# = VCC, VIN=
GND or VCC
15
25
uA
ICC2
Power-down Current
CS# = VCC, VIN=
GND or VCC
2
5
uA
ICC3
Current Read Data /
Dual/Quad Output
Read 50MHz(2)
C = 0.1 VCC / 0.9
VCC DO = Open
15
mA
ICC3
Current Read Data /
Dual/Quad Output
Read 80MHz(2)
C = 0.1 VCC / 0.9
VCC DO = Open
18
mA
ICC3
Current Read Data /
Dual/Quad Output
Read 104MHz(2)
C = 0.1 VCC / 0.9
VCC DO = Open
20
mA
ICC4
Current Page
Program
CS# = VCC
20
25
mA
ICC5
Current Write Status
Register
CS# = VCC
20
25
mA
ICC6
Current Sector/Block
Erase
CS# = VCC
20
25
mA
ICC7
Current Chip Erase
CS# = VCC
20
25
mA
ICC8
High Performance
Current
50
uA
VIL
Input Low Voltage
-0.5
VCC×0.3
V
VIH
Input High Voltage
VCC×0.7
V
VOL
Output Low Voltage
IOL = 100 uA
0.2
V
VOH
Output High Voltage
IOH = -100 uA
VCC-0.2
V
Notes:
(1)Tested on sample basis and specified through design and characterization data. TA=25° C, VCC=3V.
(2)Checker Board Pattern.
8.4. AC Measurement Conditions
Table 8.5 AC Measurement Conditions
Symbol
PARAMETER
Min.
Max.
Unit
CL
Load Capacitance
30
pF
TR, TF
Input Rise and Fall Times
5
ns
VIN
Input Pulse Voltages
0.2VCC to 0.8VCC
V
VtIN
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
VtON
Output Timing ReferenceVoltages
0.5 VCC to 0.5 VCC
V
Figure 8.3 AC Measurement I/O Waveform
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com