Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T25LQ80ASIPT Datasheet(PDF) 36 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25LQ80ASIPT
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25LQ80ASIPT Datasheet(HTML) 36 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button T25LQ80ASIPT Datasheet HTML 32Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 33Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 34Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 35Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 36Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 37Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 38Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 39Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25LQ80ASIPT Datasheet HTML 40Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
36
Table 7.3 Command Set (Read ID, OTP Instructions (1), SPI Mode)
Command
Name
BYTE 1
(Instruction)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Deep
Power-down
B9h
Release
Power down /
Device ID
ABh
dummy
dummy
dummy
Device ID(1)
Manufacturer/
Device ID(2)
90h
dummy
dummy
00h
Manufacturer
Device ID
Manufacturer/
Device ID by
Dual I/O
92h
A23—A8
A7—A0,M[7:0]
(MF[7:0],ID[7:0])
Manufacturer/
Device ID by
Quad I/O
94h
A23—A0,M[7:0]
XXXX,(MF[7:0],ID[7:0])
(MF[7:0],ID[7:0]...)
JEDEC ID
9Fh
Manufacturer
Memory Type
Capacity
Read SFDP
Register
5Ah
00h
00h
A7—A0
dummy
(D7—D0,…)
Read
Security
Registers(3)
48h
A23—A16
A15—A8
A7—A0
dummy
(D7—D0,…)
Erase
Security
Registers(3)
44h
A23—A16
A15—A8
A7—A0
Program
Security
Registers(3)
42h
A23—A16
A15—A8
A7—A0
D7—D0,…
Read Unique
ID
4Bh
dummy
dummy
dummy
dummy
(ID63-ID0)
Notes:
1. The Device ID will repeat continuously until CS# terminates the command.
2. See Section 7.5.3, Legacy Device Identification Commands on page 56 for Device ID information. The 90h instruction is followed
by an address. Address = 0 selects Manufacturer ID as the first returned data as shown in the table. Address = 1 selects Device ID as
the first returned data followed by Manufacturer ID.
3. Security Register Address:
Security Register 0: A23-16 = 00h; A15-8 = 00h; A7-0 = byte address
Security Register 1: A23-16 = 00h; A15-8 = 10h; A7-0 = byte address
Security Register 2: A23-16 = 00h; A15-8 = 20h; A7-0 = byte address
Security Register 3: A23-16 = 00h; A15-8 = 30h; A7-0 = byte address
Table 7.4(1) Manufacturer and Device Identification(SPI and QPI Mode)
OP Code
Data1
Data2
Data3
ABh
Device ID = 17h
-
-
90h/92h/94h
Manufacturer ID = 5E
Device ID = 17h
-
9Fh(SPI)
Manufacturer ID = 5E
Memory Type =40h
Capacity = 18h
9Fh(QPI)
Manufacturer ID = 5E
Memory Type =60h
Capacity = 18h
Notes:
(1)Please contact sales for more information
HM25Q128A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com