Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM5001AS Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM5001AS
Description  18W Fast Charger Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM5001AS Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM5001AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RM5001AS+RM6314AD
18W 快速充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
序号
原件名称
规格型号
用量
位号
封装要求
36
插件电感
2.4μH
1
L2
DIP
37
变压器
EE16 加厚型
1
T1
5*2*2
38
PCB 板
50mm×24mm×1.2mm
PCB 图:
DEMO 图:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com