Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM5001AS Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM5001AS
Description  18W Fast Charger Application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM5001AS Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM5001AS Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM5001AS Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM5001AS+RM6314AD
18W 快速充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM5001AS 是一款可以支持高通 Quick Charge2.0(QC2.0)协议的低成本 USB 高压充电端口接口 IC。
RM5001AS 可以配合传统的电源开关 IC 使用,内置 TL431 功能。
RM5001AS 在确定输出电压之前,可以自动识别 USB 所接的设备是否拥有 QC2.0 功能,如果设备不满
足 QC2.0,芯片会控制输出电压保持在 USB 设备安全的 5V 工作模式。
RM5001AS 采用 SOP-8 封装。
RM6314AD 是一款高性能的电流控制型 PWM 交直流转换控制器。
系统规格:
快充协议
Quick Charge2.0
输出模式(1)
5V2A
输入选择电压
3.6V~12V
输出模式(2)
9V2A
输出功率
18W
输出模式(3)
12V1.5
典型应用:
图 1
系统应用原理图
GND
CS
VDD
VDD_G
D2
D1
C6
C1
BD1
+
C8 +
T1
FB
R5
C3
U4A
R6
F1
1
2
3
4
8
7
5
Drain
6 Drain
GND
N
L
+
L1
C1A
R7
R1
R2
R3
R4
R14
L2
C7
+
U1
R9
Q1
R8
C5
Z1
C2
+
R17
C11
D3
R11
R10
R18
U4B
D-
CS
NC
1
2
3
4
5
6
8 VDD
7 D+
GND
U2
OD
VS
R15
C9
R12
R13
U3
1
2
3
4
R16
C10
CY1
USB


Similar Part No. - RM5001AS

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-24 MITSUBISHI-RM500DZ-24 Datasheet
51Kb / 3P
HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-24 MITSUBISHI-RM500DZ-24 Datasheet
49Kb / 3P
HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-2H MITSUBISHI-RM500DZ-2H Datasheet
51Kb / 3P
HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-2H MITSUBISHI-RM500DZ-2H Datasheet
49Kb / 3P
HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - RM5001AS

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
Fast Battery Charger
25th Aug 94
logo
STMicroelectronics
TDA7265SA STMICROELECTRONICS-TDA7265SA Datasheet
362Kb / 12P
18W18W STEREO AMPLIFIER WITH MUTE & ST-BY
Jul-2004
AN991 STMICROELECTRONICS-AN991 Datasheet
48Kb / 3P
The application has been developed to supply two 18W fluorescent lamps
Jun-2002
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM3257D REACTOR-RM3257D Datasheet
467Kb / 3P
12V/1A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
RM3272S REACTOR-RM3272S Datasheet
261Kb / 3P
5V/1.5A charger application
RM3256AS REACTOR-RM3256AS Datasheet
270Kb / 3P
5V1A charger application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com