Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CTIG Datasheet(PDF) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CTIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CTIG Datasheet(HTML) 32 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CTIG Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
32
Figure 29. High Performance Mode Sequence Diagram
7.25.
Continuous Read Mode Reset (CRMR) (FFH)
The Dual/Quad I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to further reduce
command overhead. By setting the (M7-0) to AXH, the next Dual/Quad I/O Fast Read operations do not require the
BBH/EBH/E7H command code.
Because the GD25Q40C
has no hardware reset pin, so if Continuous Read Mode bits are set to “AXH”, the GD25Q40C
will not recognize any standard SPI commands. So Continuous Read Mode Reset command will release the Continuous
Read Mode from the “AXH” state and allow standard SPI command to be recognized. The command sequence is show in
Figure28.
Figure 30. Continuous Read Mode Reset Sequence Diagram
0
1
2
3
4
5
6
7
CS#
SCLK
SI(IO0)
SO(IO1)
WP#(IO2)
HOLD#(IO3)
FFH
Mode Bit Reset for Quad/Dual I/O
Don`t Care
Don`t Care
Don`t Care
Command
0
1
2
3
4
5
6
7
A3H
CS#
SCLK
SI
8
9
29 30 31
MSB
2
1
0
3 Dummy Bytes
23 22
SO
High Performance Mode
HPM
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com