Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q40CTIG Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q40CTIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q40CTIG Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q40CTIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q40CTIG Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q40C
52
Read
tSUS
CS# High To Next Command After Suspend
20
μs
tRS
Latency Between Resume And Next Suspend
100
μs
tRST
CS# High To Next Command After Reset (Except From
Erase)
30
μs
tRST_E
CS# High To Next Command After Reset (From Erase)
12
ms
tW
Write Status Register Cycle Time
5
30
ms
tBP1
Byte Program Time (First Byte)
30
60
μs
tBP2
Additional Byte Program Time (After First Byte)
2.5
15
μs
tPP
Page Programming Time
0.6
4
ms
tSE
Sector Erase Time (4K Bytes)
45
400
ms
tBE1
Block Erase Time (32K Bytes)
0.15
1.6
s
tBE2
Block Erase Time (64K Bytes)
0.25
3.0
s
tCE
Chip Erase Time (GD25Q40C)
2.5
10
s
Note:
1.
Typical values given for TA=25°C.
2.
Value guaranteed by design and/or characterization, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com