Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFIR Datasheet(PDF) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 29 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 29Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
29
Figure 19. Dual Output Fast Read Sequence Diagram (ADS=1)
Note:
1. The dummy clock number is configurable.
Figure 20. Dual Output Fast Read with 4-Byte Address Sequence Diagram (ADS=0 or ADS=1)
Note:
1. The dummy clock number is configurable.
Command
0
1
2
3
4
5
6
7
3BH
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
MSB
42 43 44 45
41
5
3
1
46 47
Data Out1
40
50 51 52 53
49
54 55
48
7
6
5
4
3
2
1
0
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
6
4
2
0
5
3
1
7
6
4
2
0
6
7
Command
0
1
2
3
4
5
6
7
3CH
CS#
SCLK
SI
SO
High-Z
8
9 10
36 37 38 39
3
2
1
0
31 30 29
32-bit address
MSB
42 43 44 45
41
5
3
1
46 47
Data Out1
40
50 51 52 53
49
54 55
48
7
6
5
4
3
2
1
0
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
6
4
2
0
5
3
1
7
6
4
2
0
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com