Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFIR Datasheet(PDF) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIR
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIR Datasheet(HTML) 14 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIR Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIR Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
14
LB3, LB2, LB1 bits.
The LB3, LB2, LB1 bits are non-volatile One Time Program (OTP) bits in Status Register (S13, S12, S11) that provide
the write protect control and status to the Security Registers. The default state of LB3-LB1 are 0, the security registers are
unlocked. The LB3-LB1 bits can be set to 1 individually using the Write Register instruction. The LB3-LB1 bits are One Time
Programmable, once they are set to 1, the Security Registers will become read-only permanently.
SUS1, SUS2 bit
The SUS1 and SUS2 bit are read only bit in the status register (S15 and S10) that are set to 1 after executing an
Program/Erase Suspend (75H) command (The Erase Suspend will set the SUS1 to 1,and the Program Suspend will set the
SUS2 to 1). The SUS1 and SUS2 bit are cleared to 0 by Program/Erase Resume (7AH) command, software reset (66H+99H)
command as well as a power-down, power-up cycle.
DRV1, DRV0 bits
The DRV1&DRV0 bits are used to determine the output driver strength for the Read operations.
Table 11. Driver Strength for Read Operations
DRV1,DRV0
Driver Strength
00
100%
01
75% (Default)
10
Reserved
11
Reserved
HOLD/RST bit
The HOLD/RST bit is used to determine whether HOLD# or RESET# function should be implemented on the hardware
pin for 8-pin packages. When HOLD/RST=0, the pin acts as HOLD#, When the HOLD/RST=1, the pin acts as RESET#.
However, the HOLD# or RESET# function are only available when QE=0, If QE=1, The HOLD# and RESET# functions are
disabled, the pin acts as dedicated data I/O pin.
Reserved bit
It is recommended to set the value of the reserved bit
as “0”.
PE bit
The Program Error (PE) bit is a read only bit that indicates a program failure. It will also be set when the user attempts
to program a protected array sector or access the locked OTP space.
Error bits can be reset by CLEAR FLAG STATUS REGISTER command (30H).
EE bit
The Erase Error (EE) bit is a read only bit that indicates an erase failure. It will also be set when the user attempts to
erase a protected array sector or access the locked OTP space.
Error bits can be reset by CLEAR FLAG STATUS REGISTER command (30H).
ADS bit
The Address Status (ADS) bit is a read only bit that indicates the current address mode the device is operating in. The
device is in 3-Byte address mode when ADS=0 (default), and in 4-Byte address mode when ADS=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com