Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIG Datasheet(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIG Datasheet(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIG Datasheet HTML 2Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 3Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 4Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
6
PIN DESCRIPTION
Table 1. Pin Description for SOP16 package
Pin No.
Pin Name
I/O
Description
1
IO3
I/O
Data Input Output 3
2
VCC
Power Supply
3
RESET#(1)
I
Reset Input
7
CS#
I
Chip Select Input
8
SO (IO1)
I/O
Data Output (Data Input Output 1)
9
IO2
I/O
Data Input Output 2
10
VSS
Ground
15
SI (IO0)
I/O
Data Input (Data Input Output 0)
16
SCLK
I
Serial Clock Input
Table 2 Pin Description for TFBGA24 5*5package
Pin No.
Pin Name
I/O
Description
A4
RESET#(1)
I
Reset Input
B2
SCLK
I
Serial Clock Input
B3
VSS
Ground
B4
VCC
Power Supply
C2
CS#
I
Chip Select Input
C4
IO2
I/O
Data Input Output 2
D2
SO (IO1)
I/O
Data Output (Data Input Output 1)
D3
SI (IO0)
I/O
Data Input (Data Input Output 0)
D4
IO3
I/O
Data Input Output 3
Table 3 Pin Description for WSON8 package
Pin No.
Pin Name
I/O
Description
1
CS#
I
Chip Select Input
2
SO (IO1)
I/O
Data Output (Data Input Output 1)
3
IO2
I/O
Data Input Output 2
4
VSS
Ground
5
SI (IO0)
I/O
Data Input (Data Input Output 0)
6
SCLK
I
Serial Clock Input
7
IO3
I/O
Data Input Output 3
8
VCC
Power Supply
Note:
1. This pin is only available in special part numbers, please refer to Chapter 9 for valid part number and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com