Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25R256DFIG Datasheet(PDF) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25R256DFIG
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25R256DFIG Datasheet(HTML) 9 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25R256DFIG Datasheet HTML 5Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD25R256DFIG Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25R256D
9
4.
DEVICE OPERATION
SPI Mode
Standard SPI
The GD25R256D features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is latched on the
rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25R256D supports Dual SPI operation when using the
“Dual Output Fast Read”, “Dual Output Fast Read with
4-Byte
address”, “Dual I/O Fast Read” and “Dual I/O Fast Read with 4-Byte address” commands (3BH 3CH BBH and BCH).
These commands allow data to be transferred to or from the device at twice the rate of the standard SPI. When using the
Dual SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI
The GD25R256D supports Quad SPI operation when using
the “Quad Output Fast Read”, “Quad Output Fast Read
with 4-Byte
address”, “Quad I/O Fast Read”, “Quad I/O Fast Read with 4-Byte address” (6BH, 6CH, EBH and ECH)
commands. These commands allow data to be transferred to or from the device at four times the rate of the standard SPI.
When using the Quad SPI command the SI and SO pins become bidirectional I/O pins: IO0 and IO1, in addition to IO2 and
IO3 pins. For GD25R256D, QE bit is set to 1 as default and cannot be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com