Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFER Datasheet(PDF) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFER
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFER Datasheet(HTML) 19 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFER Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
19
Program with
4-Byte
Address
Sector Erase
with 4-Byte
Address
3 & 4
21H
A31-A24
A23-A16
A15-A8
A7-A0
Block
Erase(32K)
with 4-Byte
Address
3 & 4
5CH
A31-A24
A23-A16
A15-A8
A7-A0
Block
Erase(64K)
with 4-Byte
Address
3 & 4
DCH
A31-A24
A23-A16
A15-A8
A7-A0
Clear SR
Flags
3 & 4
30H
Read Serial
Flash
Discoverable
Parameter
3 & 4
5AH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(cont.)
Table 14. Commands (Standard/Dual/Quad SPI, 3-Byte address)
Command
Name
Add
Mode
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Read Data
3
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next Byte)
(cont.)
Fast Read
3
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(cont.)
Dual Output
Fast Read (1)
3
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(cont.)
Dual I/O
Fast Read (2)
3
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
(cont.)
Quad Output
Fast Read (3)
3
6BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(3)
(cont.)
Quad I/O
Fast Read (4)
3
EBH
A23-A0
M7-M0(4)
dummy
(D7-D0)(3)
(cont.)
Page Program 3
02H
A23-A16
A15-A8
A7-A0
D7-D0
Next Byte
Quad Page
Program
3
32H
A23-A16
A15-A8
A7-A0
D7-D0
Sector Erase
3
20H
A23-A16
A15-A8
A7-A0
Block
Erase(32K)
3
52H
A23-A16
A15-A8
A7-A0
Block
Erase(64K)
3
D8H
A23-A16
A15-A8
A7-A0
Read Unique
ID
3
4BH
dummy
dummy
dummy
dummy
(UID7-UID0)
Erase Security
Registers (6)
3
44H
A23-A16
A15-A8
A7-A0
Program
Security
Registers (6)
3
42H
A23-A16
A15-A8
A7-A0
D7-D0
D7-D0
Read Security
Registers (6)
3
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com