Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD25Q256DFER Datasheet(PDF) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFER
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFER Datasheet(HTML) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFER Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFER Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
82
Figure 81 Hold Timing
Figure82. RESET Timing
Table 34. Reset Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tRLRH
Reset Pulse Width
1
μs
tRHSL
Reset High Time Before Read
50
ns
tRB
Reset Recovery Time
12
ms
CS#
RESET#
tRLRH
tRHSL
tRB
CS#
SCLK
SO
HOLD#
tCHHL
tHLQZ
tHLCH
tCHHH
tHHCH
tHHQX
SI do not care during HOLD operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com