Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM4065B Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4065B
Description  4A Multi-Type Battery Charge Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4065B Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4065B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4065B Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
典型应用电路
:
VCC
DRV
CSP
COM
CHRG
DONE
GND
L
RCS
C3
BAT
BAT
VG
1
10
9
2
3
4
5
7
8
D1
D2
M1
C1
D3
D4
C4
220nF
C2
100nF
R3
R4
120
输入电源
6
R1
FB
*
*: 二极管D1可以不用,详情请参考第9页"二极管的选择”
和”睡眠模式电池电流”部分
R2
图
1 典型应用电路
订购信息
:
型号
包装
工作环境温度
HM4065B
盘装,每盘3000只
-
40℃ 到 +85℃
HM4065B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com