Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9929BBCZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9929BBCZ
Description  CCD Signal Processor with Precision Timing Generator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9929BBCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9929BBCZ Datasheet HTML 35Page - Analog Devices AD9929BBCZ Datasheet HTML 36Page - Analog Devices AD9929BBCZ Datasheet HTML 37Page - Analog Devices AD9929BBCZ Datasheet HTML 38Page - Analog Devices AD9929BBCZ Datasheet HTML 39Page - Analog Devices AD9929BBCZ Datasheet HTML 40Page - Analog Devices AD9929BBCZ Datasheet HTML 41Page - Analog Devices AD9929BBCZ Datasheet HTML 42Page - Analog Devices AD9929BBCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
AD9929
Rev. A | Page 39 of 64
SPECIAL VERTICAL SWEEP MODE OPERATION
The AD9929 contains a special mode of vertical timing oper-
ation called sweep mode. This mode is used to generate a
continuous number of repetitive vertical pulses that span
multiple HD lines. One example of where this mode may be
needed is at the start of the CCD readout operation. At the end
of the image exposure, but before the image is transferred by the
sensor gate pulses, the vertical interline CCD registers should be
clean of all charge. This can be accomplished by quickly shifting
out any charge with a long series of pulses on the V1 to V4
outputs. This operation spans multiple HD line lengths.
Normally the sequences are contained within one HD line
length but with the sweep mode enabled, the HD boundaries
will be ignored until the region is finished.
The special vertical sweep mode operation is only output in
CCD Region 0 and CCD Region 3 (see Figure 34), as shown in
Figure 37 and Figure 38. The SVREP_MODE register located at
Control Address 0x0A is used to enable and configure the
special sweep mode operation, as described in Table 25.
The maximum number of repeats in each region is 2048 while
operating in this mode using the SVREP0 and SVREP3
Mode_Reg(4) registers.
Table 25. Description of SVREP_MODE Register
SVREP_MODE
Description of Sweep Mode Operation
0
0
Normal Vertical Timing Operation in
all CCD Regions
0
1
Special Vertical Sweep Mode Timing
Output in CCD Region 0 Only
1
0
Special Vertical Sweep Mode Timing
Output in CCD Region 3 Only
1
1
Special Vertical Sweep Mode Timing
Output in CCD Region0 and CCD
Region 3
HD
XV1–XV4
Figure 35. Nonoverlapping Example while Operating in Normal Vertical Timing Operation SVREP_MODE = 0 and VTPREPx = 4
HD
XV1–XV4
NOT OUTPUT BECAUSE THE 8TH
REPETITION OVERLAPS WITH HD
Figure 36. Overlapping Example while Operating in Normal Vertical Timing Operation SVREP_MODE = 0 and VTPREPx = 8
HD
XV1–XV4
CCD REGION 0
SCP0
SCP1 = 3
01
2
0
Figure 37. Sweep Mode Timing Example with SVREP_MODE = 1 and SVREP0 = 28
HD
XV1–XV4
SCP3
SCP4 = 3
01
2
0
CCD REGION 3
Figure 38. Sweep Mode Timing Example with SVREP_MODE = 2 and SVREP3 = 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com