Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AD87-RU0XX Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMP-AD87-RU0XX
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AD87-RU0XX Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMP-AD87-RU0XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Figure 8. Relative intensity vs. forward
current
Figure 9.Relative dominant wavelength vs. DC
forward current
Figure 10. Spatial radiation pattern for RGB – major axis
Figure 11. Spatial radiation pattern for RGB – minor axis
0
1.6
0.2
FORWARD CURRENT - mA
0
5
15
30
1.2
10
25
20
1.4
0.4
1.0
0.8
0.6
BLUE
GREEN
DC FORWARD CURRENT - mA
01
0
20
30
1.025
0.990
1.015
1.020
1.010
1.005
1.000
0.995
GREEN
BLUE
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (DEGREE)
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT (DEGREE)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com