Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-AD87-RU0XX Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HLMP-AD87-RU0XX
Description  5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AD87-RU0XX Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HLMP-AD87-RU0XX Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AD87-RU0XX Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Intensity Bin Limit Table
Tolerance for each bin limit is ± 15%
Tolerance for each bin limit is ±0.5 nm
Blue Color Bin Table
Bin
Intensity (mcd) at 20 mA
Min
Max
K310
400
L
400
520
M
520
680
N680
880
P
880
1150
Q
1150
1500
R
1500
1900
S
1900
2500
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
Bin
Min Dom
Max Dom
XminYminXmax
Ymax
1
460.0
464.0
0.1440
0.0297
0.1766
0.0966
0.1818
0.0904
0.1374
0.0374
2
464.0
468.0
0.1374
0.0374
0.1699
0.1062
0.1766
0.0966
0.1291
0.0495
3
468.0
472.0
0.1291
0.0495
0.1616
0.1209
0.1699
0.1062
0.1187
0.0671
4
472.0
476.0
0.1187
0.0671
0.1517
0.1423
0.1616
0.1209
0.1063
0.0945
5
476.0
480.0
0.1063
0.0945
0.1397
0.1728
0.1517
0.1423
0.0913
0.1327
Green Color Bin Table
Tolerance for each bin limit is ±0.5 nm
Bin
Min Dom
Max Dom
Xmin
Ymin
Xmax
Ymax
1
520.0
524.0
0.0743
0.8338
0.1856
0.6556
0.1650
0.6586
0.1060
0.8292
2
524.0
528.0
0.1060
0.8292
0.2068
0.6463
0.1856
0.6556
0.1387
0.8148
3
528.0
532.0
0.1387
0.8148
0.2273
0.6344
0.2068
0.6463
0.1702
0.7965
4
532.0
536.0
0.1702
0.7965
0.2469
0.6213
0.2273
0.6344
0.2003
0.7764
5
536.0
540.0
0.2003
0.7764
0.2659
0.6070
0.2469
0.6213
0.2296
0.7543



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com