Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5012 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 15Page - Texas Instruments LP5012 Datasheet HTML 16Page - Texas Instruments LP5012 Datasheet HTML 17Page - Texas Instruments LP5012 Datasheet HTML 18Page - Texas Instruments LP5012 Datasheet HTML 19Page - Texas Instruments LP5012 Datasheet HTML 20Page - Texas Instruments LP5012 Datasheet HTML 21Page - Texas Instruments LP5012 Datasheet HTML 22Page - Texas Instruments LP5012 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
star t
MSB Chip Addr LSB
MSB Register Ad dr L SB
w
rs
MSB Chip Addr LSB
r
MSB Data L SB
stop
ack from slave
ack from slave
repe ate d start
ack from slave
data fro m slave nack from ma ster
19
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Figure 13. Read Cycle
8.5.1.7 Auto-Increment Feature
The auto-increment feature allows writing or reading several consecutive registers within one transmission. For
example, when an 8-bit word is sent to the device, the internal address index counter is incremented by 1, and
the next register is written. The auto-increment feature is enabled by default and can be disabled by setting the
Auto_Incr_EN bit = 0 in the DEVICE_CONFIG1 register. The auto-increment feature is applied for the full register
address from 0h to FFh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com