Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5012 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 21Page - Texas Instruments LP5012 Datasheet HTML 22Page - Texas Instruments LP5012 Datasheet HTML 23Page - Texas Instruments LP5012 Datasheet HTML 24Page - Texas Instruments LP5012 Datasheet HTML 25Page - Texas Instruments LP5012 Datasheet HTML 26Page - Texas Instruments LP5012 Datasheet HTML 27Page - Texas Instruments LP5012 Datasheet HTML 28Page - Texas Instruments LP5012 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 13. LED0_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED0_Brightness
R/W
FFh
FFh = 100% of full intensity
...
80h = 50% of full intensity
...
00h = 0% of full intensity
8.6.9 LED1_BRIGHTNESS (Address = 8h) [reset = FFh]
LED1_BRIGHTNESS is shown in Figure 22 and described in Table 14.
Return to Table 4.
Figure 22. LED1_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED1_Brightness
R/W-FFh
Table 14. LED1_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED1_Brightness
R/W
FFh
FFh = 100% of full intensity
...
80h = 50% of full intensity
...
00h = 0% of full intensity
8.6.10 LED2_BRIGHTNESS (Address = 9h) [reset = FFh]
LED2_BRIGHTNESS is shown in Figure 23 and described in Table 15.
Return to Table 4.
Figure 23. LED2_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED2_Brightness
R/W-FFh
Table 15. LED2_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
LED2_Brightness
R/W
FFh
FFh = 100% of full intensity
...
80h = 50% of full intensity
...
00h = 0% of full intensity
8.6.11 LED3_BRIGHTNESS (Address = 0Ah) [reset = FFh]
LED3_BRIGHTNESS is shown in Figure 24 and described in Table 16.
Return to Table 4.
Figure 24. LED3_BRIGHTNESS Register
7
6
5
4
3
2
1
0
LED3_Brightness
R/W-FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com