Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2V Datasheet(PDF) 60 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 56Page - STMicroelectronics PSD813F2V Datasheet HTML 57Page - STMicroelectronics PSD813F2V Datasheet HTML 58Page - STMicroelectronics PSD813F2V Datasheet HTML 59Page - STMicroelectronics PSD813F2V Datasheet HTML 60Page - STMicroelectronics PSD813F2V Datasheet HTML 61Page - STMicroelectronics PSD813F2V Datasheet HTML 62Page - STMicroelectronics PSD813F2V Datasheet HTML 63Page - STMicroelectronics PSD813F2V Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
60/110
Port D – Functionality and Structure
Port D has three I/O pins. See Figure 30 and Fig-
ure 31., page 61. This port does not support Ad-
dress Out mode, and therefore no Control
Register is required. Port D can be configured to
perform one or more of the following functions:
■
MCU I/O Mode
■
CPLD Output – External Chip Select (ECS0-
ECS2)
■
CPLD Input – direct input to the CPLD, no
Input Macrocells (IMC)
■
Slew rate – pins can be set up for fast slew
rate
Port D pins can be configured in PSDsoft Express
as input pins for other dedicated functions:
■
Address Strobe (ALE/AS, PD0)
■
CLKIN (PD1) as input to the macrocells flip-
flops and APD counter
■
PSD Chip Select Input (CSI, PD2). Driving this
signal High disables the Flash memory, SRAM
and CSIOP.
Figure 30. Port D Structure
DATA OUT
REG.
DQ
DQ
WR
WR
ECS[ 2: 0]
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
ENABLE PRODUCT
TERM (.OE)
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com