Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD813F2V Datasheet(PDF) 10 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 6Page - STMicroelectronics PSD813F2V Datasheet HTML 7Page - STMicroelectronics PSD813F2V Datasheet HTML 8Page - STMicroelectronics PSD813F2V Datasheet HTML 9Page - STMicroelectronics PSD813F2V Datasheet HTML 10Page - STMicroelectronics PSD813F2V Datasheet HTML 11Page - STMicroelectronics PSD813F2V Datasheet HTML 12Page - STMicroelectronics PSD813F2V Datasheet HTML 13Page - STMicroelectronics PSD813F2V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
10/110
PIN DESCRIPTION
Table 2. Pin Description (for the PLCC52 package - Note 1)
Pin Name
Pin
Type
Description
ADIO0-7
30-37
I/O
This is the lower Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
If your MCU has a multiplexed address/data bus where the data is multiplexed with the
lower address bits, connect AD0-AD7 to this port.
If your MCU does not have a multiplexed address/data bus, or you are using an 80C251
in page mode, connect A0-A7 to this port.
If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this port.
ALE or AS latches the address. The PSD drives data out only if the READ signal is active
and one of the PSD functional blocks was selected. The addresses on this port are
passed to the PLDs.
ADIO8-15
39-46
I/O
This is the upper Address/Data port. Connect your MCU address or address/data bus
according to the following rules:
If your MCU has a multiplexed address/data bus where the data is multiplexed with the
lower address bits, connect A8-A15 to this port.
If your MCU does not have a multiplexed address/data bus, connect A8-A15 to this port.
If you are using an 80C251 in page mode, connect AD8-AD15 to this port.
If you are using an 80C51XA in burst mode, connect A12/D8 through A19/D15 to this
port.
ALE or AS latches the address. The PSD drives data out only if the READ signal is active
and one of the PSD functional blocks was selected. The addresses on this port are
passed to the PLDs.
CNTL0
47
I
The following control signals can be connected to this port, based on your MCU:
WR – active Low Write Strobe input.
R_W – active High READ/active Low write input.
This port is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL1
50
I
The following control signals can be connected to this port, based on your MCU:
RD – active Low Read Strobe input.
E – E clock input.
DS – active Low Data Strobe input.
PSEN – connect PSEN to this port when it is being used as an active Low READ signal.
For example, when the 80C251 outputs more than 16 address bits, PSEN is actually the
READ signal.
This port is connected to the PLDs. Therefore, these signals can be used in decode and
other logic equations.
CNTL2
49
I
This port can be used to input the PSEN (Program Select Enable) signal from any MCU
that uses this signal for code exclusively. If your MCU does not output a Program Select
Enable signal, this port can be used as a generic input. This port is connected to the
PLDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com