Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6P Datasheet(PDF) 23 Page - STMicroelectronics

Part # M95640-WDW6P
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M95640-WDW6P Datasheet HTML 19Page - STMicroelectronics M95640-WDW6P Datasheet HTML 20Page - STMicroelectronics M95640-WDW6P Datasheet HTML 21Page - STMicroelectronics M95640-WDW6P Datasheet HTML 22Page - STMicroelectronics M95640-WDW6P Datasheet HTML 23Page - STMicroelectronics M95640-WDW6P Datasheet HTML 24Page - STMicroelectronics M95640-WDW6P Datasheet HTML 25Page - STMicroelectronics M95640-WDW6P Datasheet HTML 26Page - STMicroelectronics M95640-WDW6P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23/42
M95640, M95320
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 10. Operating Conditions (M95320 and M95640)
Table 11. Operating Conditions (M95320-W and M95640-W)
Table 12. Operating Conditions (M95320-R and M95640-R)
Note: 1. This product is under development. For more information, please contact your nearest ST sales office.
Table 13. Operating Conditions (M95320-S and M95640-S)
Note: 1. This product is under development. For more information, please contact your nearest ST sales office.
Table 14. AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data out is no longer driven.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
4.5
5.5
V
TA
Ambient Operating Temperature (Device Grade 6)
–40
85
°C
Ambient Operating Temperature (Device Grade 3)
–40
125
°C
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.5
5.5
V
TA
Ambient Operating Temperature (Device Grade 6)
–40
85
°C
Ambient Operating Temperature (Device Grade 3)
–40
125
°C
Symbol
Parameter
Min. 1
Max. 1
Unit
VCC
Supply Voltage
1.8
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Symbol
Parameter
Min. 1
Max. 1
Unit
VCC
Supply Voltage
1.65
5.5
V
TA
Ambient Operating Temperature
–40
85
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
50
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input and Output Timing Reference Voltages
0.3VCC to 0.7VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com