Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6P Datasheet(PDF) 41 Page - STMicroelectronics

Part # M95640-WDW6P
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6P Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M95640-WDW6P Datasheet HTML 34Page - STMicroelectronics M95640-WDW6P Datasheet HTML 35Page - STMicroelectronics M95640-WDW6P Datasheet HTML 36Page - STMicroelectronics M95640-WDW6P Datasheet HTML 37Page - STMicroelectronics M95640-WDW6P Datasheet HTML 38Page - STMicroelectronics M95640-WDW6P Datasheet HTML 39Page - STMicroelectronics M95640-WDW6P Datasheet HTML 40Page - STMicroelectronics M95640-WDW6P Datasheet HTML 41Page - STMicroelectronics M95640-WDW6P Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
41/42
M95640, M95320
REVISION HISTORY
Table 33. Document Revision History
Date
Rev.
Description of Revision
13-Jul-2000
1.2
Human Body Model meets JEDEC std (Table 2). Minor adjustments on pp 1,11,15. New clause
on p7. Addition of TSSOP8 package on pp 1, 2, Ordering Info, Mechanical Data
16-Mar-2001
1.3
Test condition added ILI and ILO, and specification of tDLDH and tDHDL removed.
tCLCH, tCHCL, tDLDH and tDHDL changed to 50ns for the -V range.
“-V” Voltage range changed to “2.7V to 3.6V” throughout.
Maximum lead soldering time and temperature conditions updated.
Instruction sequence illustrations updated.
“Bus Master and Memory Devices on the SPI bus” illustration updated.
Package Mechanical data updated
19-Jul-2001
1.4
M95160 and M95080 devices removed to their own data sheet
06-Dec-2001
1.5
Endurance increased to 1M write/erase cycles
Instruction sequence illustrations updated
18-Dec-2001
2.0
Document reformatted using the new template. No parameters changed.
08-Feb-2002
2.1
Announcement made of planned upgrade to 10MHz clock for the 5V, –40 to 85°C, range.
Endurance set to 100K write/erase cycles
18-Dec-2002
2.2
10MHz, 5MHz, 2MHz clock; 5ms, 10ms Write Time; 100K, 1M erase/write cycles distinguished
on front page, and in the DC and AC Characteristics tables
26-Mar-2003
2.3
Process indentification letter corrected in footnote to AC Characteristics table for temp. range 3
26-Jun-2003
2.4
-S voltage range upgraded by removing it and inserting -R voltage range in its place
15-Oct-2003
3.0
Table of contents, and Pb-free options added. VIL(min) improved to -0.45V
21-Nov-2003
3.1
VI(min) and VO(min) corrected (improved) to -0.45V
28-Jan-2004
4.0
TSSOP8 connections added to DIP and SO connections
24-May-2005
5.0
M95320-S and M95640-S root part numbers (1.65 to 5.5V Supply) and related characteristics
added.
20MHz Clock rate added.TSSOP14 package removed and MLP8 package added.
Description of Power On Reset: VCC Lock-Out Write Protect updated.
Product List summary table added. Absolute Maximum Ratings for VIO(min) and VCC(min)
improved. Soldering temperature information clarified for RoHS compliant devices. Device
Grade 3 clarified, with reference to HRCF and automotive environments. AEC-Q100-002
compliance. tCHHL(min) and tCHHH(min) is tCH for products under “S” process. tHHQX corrected
to tHHQV.
Figure 17., Hold Timing updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com