Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27LF161G2M-VIP Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 15Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 16Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 17Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 18Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 19Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 20Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 21Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 22Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Rev 0.7 / Apr. 2005
19
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Parameter
Symbol
Test Conditions
1.8Volt
3.3Volt
Unit
Min
Typ
Max
Min
Typ
Max
Operating
Current
Sequential
Read
ICC1
tRC=60ns(1),
CE#=VIL, IOUT=0mA
-8
15
-
10
20
mA
Program
ICC2
--
8
15
-
10
20
mA
Erase
ICC3
--
8
15
-
10
20
mA
Stand-by Current (TTL)
ICC4
CE#=VIH,
PRE=WP#=0V/Vcc
--
1
-
1
mA
Stand-by Current (CMOS)
ICC5
CE#=Vcc-0.2,
PRE=WP#=0V/Vcc
-10
50
-
10
50
uA
Input Leakage Current
ILI
VIN=0 to 3.6V
-
-
±
10
--
±
10
uA
Output Leakage Current
ILO
VOUT=0 to 3.6V
-
-
±
10
--
±
10
uA
Input High Voltage
VIH
-Vcc-0.4
-
Vcc+
0.3
2-
Vcc+
0.3
V
Input Low Voltage
VIL
-
-0.3
-
0.4
-0.3
-
0.8
V
Output High Voltage
Level
VOH
IOH=-100uA
Vcc-0.1
-
-
-
-
-
V
IOH=-400uA
-
-
-
2.4
-
-
V
Output Low Voltage Level
VOL
IOL=100uA
-
-
0.1
-
-
-
V
IOL=2.1mA
-
-
-
-
-
0.4
V
Output Low Current
(RB#)
IOL
(RB#)
VOL=0.1V
3
4
-
-
-
-
mA
VOL=0.4V
-
-
-
8
10
-
mA
Table 9: DC and Operating Characteristics
Parameter
Value
1.8Volt
3.3Volt
Input Pulse Levels
0V to Vcc
0.4V to 2.4V
Input Rise and Fall Times
5ns
5ns
Input and Output Timing Levels
Vcc / 2
1.5V
Output Load (1.7V - 1.95Volt & 2.7V - 3.6V)
1 TTL GATE and CL=30pF
1 TTL GATE and CL=50pF
Output Load (3.0V - 3.6V)
-
1 TTL GATE and CL=100pF
Table 10: AC Conditions
NOTE:
1. These parameters are applied to the errata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com