Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY27LF161G2M-VIP Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # HY27LF161G2M-VIP
Description  1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27LF161G2M-VIP Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button HY27LF161G2M-VIP Datasheet HTML 36Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 37Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 38Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 39Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 40Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 41Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 42Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 43Page - Hynix Semiconductor HY27LF161G2M-VIP Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Rev 0.7 / Apr. 2005
40
Preliminary
HY27UF(08/16)1G2M Series
HY27SF(08/16)1G2M Series
1Gbit (128Mx8bit / 64Mx16bit) NAND Flash
Bad Block Management
Devices with Bad Blocks have the same quality level and the same AC and DC characteristics as devices where all the
blocks are valid. A Bad Block does not affect the performance of valid blocks because it is isolated from the bit line and
common source line by a select transistor. The devices are supplied with all the locations inside valid blocks
erased(FFh). The Bad Block Information is written prior to shipping. Any block where the 1st Byte in the spare area of
the 1st or 2nd page(if the 1st page is Bad) does not contain FFh is a Bad Block. The Bad Block Information must be
read before any erase is attempted as the Bad Block Information may be erased. For the system to be able to recog-
nize the Bad Blocks based on the original information it is recommended to create a Bad Block table following the flow-
chart shown in Figure 29. The 1st block, which is placed on 00h block address is guaranteed to be a valid block.
Block Replacement
Over the lifetime of the device additional Bad Blocks may develop. In this case the block has to be replaced by copying
the data to a valid block. These additional Bad Blocks can be identified as attempts to program or erase them will give
errors in the Status Register.
As the failure of a page program operation does not affect the data in other pages in the same block, the block can be
replaced by re-programming the current data and copying the rest of the replaced block to an available valid block.
The Copy Back Program command can be used to copy the data to a valid block.
See the “Copy Back Program” section for more details.
Refer to Table 18 for the recommended procedure to follow if an error occurs during an operation.
Operation
Recommended Procedure
Erase
Block Replacement
Program
Block Replacement or ECC
Read
ECC
Table 18: Block Failure
Figure 30: Bad Block Management Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com