Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW309BT Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NVSW309BT
Description  WHITE LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309BT Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NVSW309BT Datasheet HTML 3Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 4Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 5Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 6Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 7Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 8Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 9Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 10Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NICHIA STS-DA1-5475 <Cat.No.181226>
6
OUTLINE DIMENSIONS
STS-DA7-14833
NVSW309B
管理番号 No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品
RoHS指
適合し
ます
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
ーン樹脂
散剤+蛍体入
Silicone Resin
(with diffuser and phosphor)
ッ ー 材質
Package Materials
封樹脂材質
Encapsulating Resin
Materials
電極材質
Electrodes Materials
質量
Weight
蛍体層材質
Phosphor sheet
Materials
目 Item
内容 Description
ミッ
Ceramics
金メッキ
Au-plated
ーン樹脂( 散剤入
Silicone Resin(with diffuser)
0.035g(TYP)
ン 材質
Lens Materials
ーン樹脂
Silicone Resin
3.1
3.5
Cathode Mark
学的中心位置
Location of the optical center
0.5
3.2
Anode
Catnode
0.77
0.4
K
A
保護素子
Protection Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com