Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW309BT Datasheet(PDF) 13 Page - NICHIA CORPORATION

Part # NVSW309BT
Description  WHITE LED
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW309BT Datasheet(HTML) 13 Page - NICHIA CORPORATION

Back Button NVSW309BT Datasheet HTML 9Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 10Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 11Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 12Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 13Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 14Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 15Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 16Page - NICHIA CORPORATION NVSW309BT Datasheet HTML 17Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
NICHIA STS-DA1-5475 <Cat.No.181226>
12
DERATING CHARACTERISTICS
NVSW309x
管理番号 No. STS-DA7-10266A
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Derating1
(23, 2000) (55, 2000) (86, 2000)
(100, 1580)
(100, 1050)
(100, 790)
0
1000
2000
3000
4000
5000
0
20
40
60
80
100
120
Derating2
(100, 2000)
0
500
1000
1500
2000
2500
3000
0
20
40
60
80
100
Duty
2400
接合部温
(
カソー 側)-許容
電流特性
Solder Temperature(Cathode Side) vs
Allowable Forward Current
周囲温
-
許容
電流特性
Ambient Temperature vs
Allowable Forward Current
接合部温
(
カソー側)
Solder Temperature(Cathode Side)(°C)
周囲温
Ambient Temperature(°C)
ュー
ー比
Duty Ratio(%)
ュー
ー比-許容
電流特性
Duty Ratio vs
Allowable Forward Current
T
A =25°C
10°C/W
15°C/W
20°C/W
θJA
R
=
θJA
R
=
θJA
R
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com