Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15-21-GHC-R2S2-2T Datasheet(PDF) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # 15-21-GHC-R2S2-2T
Description  1206 Package Chip LED (1.0mm Height)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

15-21-GHC-R2S2-2T Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  15-21-GHC-R2S2-2T Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. 15-21-GHC-R2S2-2T Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
15-21/GHC-R2S2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 3 of 10
Device No:DSE-0003945
Prepared date: 22-July-2010
Prepared by:Yang yuanyuan
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
95
mW
Electrostatic Discharge
ESD
150
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260℃ for 10sec.
Hand Soldering : 350℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
140
-----
285
mcd
Viewing Angle
2θ1/2
-----
130
-----
deg
Peak Wavelength
λp
-----
518
-----
nm
Dominant Wavelength
λd
-----
525
-----
nm
Spectrum Radiation
Bandwidth
λ
△
-----
35
-----
nm
Forward Voltage
VF
2.7
3.3
3.7
V
IF=20mA
Reverse Current
IR
-----
-----
50
µA
VR=5V
Notes:
Tolerance of Luminous Intensity ±11%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com